Part Number Hot Search : 
2SJ117 MCSO1 40106 AN7908T MC8820 SO20LL RF151 NCE3050
Product Description
Full Text Search
 

To Download NREHW1R0M1605X11F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
HIGH VOLTAGE, RADIAL, POLARIZED, EXTENDED TEMPERATURE FEATURES * HIGH VOLTAGE/TEMPERATURE (UP TO 450VDC/+105C) * NEW REDUCED SIZES CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Maximum Leakage Current @ 20C Max. Tan @ 120Hz/20C Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test at Rated W.V. +105C 2,000 Hours: 10 & Up +105C 1,000 Hours: 8 Shelf Life Test +85C 1,000 Hours with no load 160 ~ 450VDC 0.47 ~ 330F -40C ~ +105C (160 ~ 400V) or -25C ~ +105C (450V) 20% (M)
NRE-HW Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
CV 1000F 0.03CV +15A, CV > 1000F 0.02 +25A (after 2 minutes) W.V. S.V. Tan Z-25C/Z+20C Z-40C/Z+20C Capacitance Change Tan Leakage Current 160 200 0.20 3 6 200 250 0.20 3 6 250 300 0.20 3 6 350 400 0.25 4 8 400 450 0.25 6 10 450 500 0.25 6 -
Within 25% of initial measured value Less than 200% of specified maximum value Less than specified maximum value
Shall meet same requirements as in load life test
E.S.R. ( AT 120Hz AND 20oC)
W.V. (Vdc) Cap (F) 160~250 350~450 0.47 706 882 1.0 332 415 2.2 151 188 3.3 101 126 4.7 70.6 86.2 10 33.2 41.5 22 15.1 18.8 33 10.1 12.6 47 7.06 8.82 68 4.88 6.10 100 3.32 4.15 150 2.21 220 1.51 330 1.01 -
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 105OC)
Cap (F) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 68 100 150 220 330 160 7 15 22 28 39 63 107 137 172 217 287 385 522 560 Working Voltage (Vdc) 200 250 350 400 8 8 10 10 16 18 20 20 24 25 28 28 32 34 36 36 40 41 47 47 64 66 70 70 112 119 123 126 147 154 158 161 175 182 182 189 228 235 242 249 301 302 308 403 412 532 450 18 28 36 47 70 125 154 172 189 -
NREHW 100 M 350V 10X20 F...
RoHS Compliant Case Size (D x L) Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series
PART NUMBER SYSTEM
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Cap. Value <100F 100 ~ 1000F Frequency (Hz) 100 ~ 500 1K ~ 5K 10K ~ 100K 1.00 1.30 1.50 1.00 1.20 1.30
STANDARD PRODUCT AND CASE SIZE D x L (mm)
Working Voltage (Vdc) Cap Code (F) 160 200 250 350 400 450 0.47 R47 5x11 5x11 5x11 6.3x11 6.3x11 1.0 1R0 5x11 5x11 5x11 6.3x11 8x11.5 8x12.5 2.2 2R2 6.3x11 6.3x11 6.3x11 8x11.5 8x11.5 10x16 3.3 3R3 6.3x11 6.3x11 8x11.5 8x12.5 10x12.5 10x20 4.7 4R7 6.3x11 8x11.5 8x11.5 10x12.5 10x16 12.5x20 10 100 8x11.5 8x12.5 10x12.5 10x20 10x20 12.5x25 22 220 10x12.5 10x16 10x20 12.5x25 12.5x25 16x25 33 330 10x20 10x20 12.5x20 16x25 16x25 16x31 47 470 12.5x20 12.5x20 12.5x25 16x31 16x31 18x36 68 680 12.5x20 12.5x25 16x25 16x36 18x36 18x41 100 101 12.5x25 16x25 16x36 18x41 150 151 16x31 16x36 18x36 220 221 16x36 18x36 330 331 18x41 (R)
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) Lead Dia. (d) Lead Spacing (F) Dim 5 0.5 2.0 0.5 6.3 0.5 2.5 0.5 8 0.6 3.5 0.5 10 0.6 5.0 0.5 12.5 0.6 5.0 0.5 16 0.8 7.5 0.5 18 0.8 7.5 0.5
= L < 20mm = 1.5mm, L > 20mm = 2.0mm
Polarity Marking Insulation Sleeve d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
73


▲Up To Search▲   

 
Price & Availability of NREHW1R0M1605X11F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X